Part Number Hot Search : 
1N5380B ML776H8F 36MHZ 2N2907 ER4831 IRFP440B L70S70 7101M
Product Description
Full Text Search
 

To Download HDSP-703A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  17.3 mm (0.68 inch) general purpose 5 x 7 dot matrix alphanumeric displays technical data hdsp-70xe series hdsp-71xe series hdsp-70xg series hdsp-71xg series hdsp-70xa series hdsp-71xa series features ? 5 x 7 dot matrix font ? viewable up to 12 meters ? x-y stackable ? industry standard pin-out 7.6 mm (0.3 in.) dual-in-line (dip) leads on 2.54 mm (0.1 in.) centers ? choice of colors red or green or algaas ? choice of face paint colors gray or black ? design flexibility common row anode or common row cathode ? categorized for luminous intensity ? green categorized for color applications ? suitable for indoor use ? not recommended for industrial applications, i.e. operating temperatures requirements exceeding 85 c or below -35 c [1] ? extreme temperature cycling not recommended [2] description these displays have a 17.3 mm (0.68 inch) character height and use industry standard size and pin-out. the devices are available in either common row anode or common row cathode configurations. the displays come in either gray or black face paint and are available in a choice of high efficiency red (her) or green colors or algaas. devices her hdsp- green hdsp- algaas hdsp- description 701e 701g 701a 17.3 mm gray surface common row anode 703e 703g 703a 17.3 mm gray surface common row cathode 711e 711g 711a 17.3 mm black surface common row anode 713e 713g 713a 17.3 mm black surface common row cathode notes: 1. for details, please contact your local agilent components sales office or an authorized distributor. these parts are subjected to outgoing quality assurance (oqa) inspection with an aql of 0.065% for functional and visual/ cosmetic defects. for optimal intensity performance, please consider our industrial grade displays: ? hdsp-l20x ? hdsp-540x ? hdsp-l10x
2 package dimensions internal circuit diagram 1 3 10 7 8 12 11 2 9 4 5 6 column 12345 1 2 3 4 5 6 7 common anode row row 4 3 7 9 12 1 2 11 10 8 5 6 column 12345 1 2 3 4 5 6 7 common cathode row row common row anode common row cathode pin hdsp-701e/711e/ 701g/711g/701a/711a pin hdsp-703e/713e/ 703g/713g/703a/713a 1 column 1 cathode 2 row 3 anode 3 column 2 cathode 4 row 5 anode 5 row 6 anode 6 row 7 anode 7 column 4 cathode 8 column 5 cathode 9 row 4 anode 10 column 3 cathode 11 row 2 anode 12 row 1 anode 1 row 1 cathode 2 row 2 cathode 3 column 2 anode 4 column 1 anode 5 row 6 cathode 6 row 7 cathode 7 column 3 anode 8 row 5 cathode 9 column 4 anode 10 row 4 cathode 11 row 3 cathode 12 column 5 anode x = row or column number, x = pin number notes: 1. all dimensions in millimeters (inches). 2. unless otherwise stated, tolerance is ?0.25 mm (0.010). 3. for green only. 2.54 (0.10) 17.78 (0.70) max. 35 ? ? 1.9 (0.075) 15.24 (0.600) 12.7 (0.50) max. pin 6 pin 1 6.3 (0.25) 5.1 ?0.5 (0.201) 7.62 (0.03) 1.3 (0.05) 12.7 (0.50) part no. 2.54 (0.10) 10.16 (0.40) 2.54 (0.10) 8 ?2.5 (0.098) 8 ?3 (0.118) 12 ? ? 0.5 (0.02) 8 ?21.8 row col 1 12345 2 3 4 5 6 7
3 optical/electrical characteristics at t a = 25 c high efficiency red devices test hdsp- parameter symbol min. typ. max. units conditions luminous intensity/dot i v 1.289 2.500 mcd i f = 50 ma, (digit average) [1] 20% duty factor peak wavelength l peak 632 nm i f = 20 ma dominant wavelength [2] l d 622 nm i f = 20 ma forward voltage v f 3.40 v i f = 50 ma 2.05 2.50 i f = 20 ma 1.60 i f = 5 ma reverse voltage [3] v r 5vi r = 100 m a luminous intensity i v-m 2:1 i f = 50 ma matching ratio 20% duty factor 701e 711e 703e 713e absolute maximum ratings at t a = 25 c her algaas green hdsp-701e/ hdsp-701a/ hdsp-701g/ parameter 711e/703e/ 703a/711a/ 711g/703g/ 713e 713a 713g units average power per dot [1] 75 75 75 mw peak forward current per dot [1,2] 90 125 90 ma (1/10 duty cycle, 0.1 ms pulse width) average forward current per dot [1] 23 23 [3] 15 [2] ma reverse voltage per dot 5 5 5 v operating temperature C40 to +85 C40 to +85 C40 to +85 c storage temperature C40 to +85 C40 to +85 C40 to + 85 c lead solder temperature for 3 seconds [3] 260 260 260 c (1.6 mm [0.063 in.] below seating plane) notes: 1. do not exceed maximum average current per dot. 2. derate above 35 c at 0.2 ma/ c. 3. not recommended to be soldered more than 2 times. minimum interval between solderings is 15 minutes. total soldering time not to exceed 5 seconds.
4 notes: 1. the digits are categorized for luminous intensity. the intensity category is designated by a letter on the side of the package. 2. the dominant wavelength, l d , is derived from the cie chromaticity diagram and represents the single wavelength which defines the color of the device. 3. typical specification for reference only. do not exceed absolute maximum ratings. algaas devices test hdsp- parameter symbol min. typ. max. units conditions luminous intensity/dot i v 1.55 2.10 mcd i f = 10 ma, (digit average) [1] 20% duty factor peak wavelength l peak 660 nm i f = 20 ma dominant wavelength [2] l d 643 nm i f = 20 ma forward voltage v f 1.8 2.0 v i f = 20 ma 2.0 i f = 10 ma 1.5 i f = 5 ma reverse voltage [3] v r 5vi r = 100 m a luminous intensity i v-m 1.5:1 i f = 10 ma matching ratio 20% duty factor 701a 711a 703a 713a optical/electrical characteristics at t a = 25 c, continued green devices test hdsp- parameter symbol min. typ. max. units conditions luminous intensity/dot i v 0.96 2.50 mcd i f = 50 ma, (digit average) [1] 20% duty factor peak wavelength l peak 568 nm i f = 20 ma dominant wavelength [2] l d 573 nm i f = 20 ma forward voltage v f 3.40 v i f = 50 ma 1.80 2.25 2.60 i f = 20 ma 1.60 i f = 5 ma reverse voltage [3] v r 5vi r = 100 m a luminous intensity i v-m 2:1 i f = 50 ma matching ratio 20% duty factor 701g 711g 703g 713g
5 figure 1. maximum allowable average current per dot vs. ambient temperature. figure 2. forward current vs. forward voltage. figure 3. relative luminous intensity vs. dc forward current. figure 4. relative efficiency (luminous intensity per unit current per dot) vs. peak current per dot. i dc ?maximum dc current per segment ?ma 0 0 t a ?ambient temperature ?? 20 80 100 35 15 60 40 green, her 5 10 20 25 30 algaas i f ?forward current per segment ?ma 1 0 v f ?forward voltage ?v 90 70 60 30 10 35 80 50 20 24 40 her green algaas relative luminous intensity (normalized at 20 ma) 0 0 i f ?dc forward current ?ma 4.0 3.0 2.5 1.5 0.5 20 40 3.5 2.0 1.0 10 30 green, her 5152535 algaas h v ?relative efficiency (normalized to/at 10 ma per segment) 0 0.8 i peak ?peak forward current per segment ?ma 90 20 70 80 100 1.4 1.3 1.2 1.1 1.0 0.9 60 50 40 30 10 red green algaas
contrast enhancement for information on contrast enhancement, please see application note 1015. soldering/cleaning cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the chlorinated hydrocarbon family (methylene chloride, trichloro- ethylene, carbon tetrachloride, etc.) are not recommended for cleaning led parts. all of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic led parts. for information on soldering leds, please refer to application note 1027. device reliability for reliability information, please see the reliability datasheet 17.3 mm general purpose 5 x 7 dot matrix alphanumeric displays. dominant wavelength (nm) color bin min. max. green 2 573.6 576.5 3 570.6 573.5 4 567.6 570.5 5 564.5 567.5 note: all categories are established for classification of products. products may not be available in all categories. please contact your local agilent representatives for further clarification/information. color bin limits (dominant wavelength) bin name min. [2] max. [2] h 0.96 1.44 i 1.44 2.15 j 2.15 3.23 k 3.23 4.85 l 4.85 7.28 notes: 1. bin categories are established for classification of products. products may not be available in all bin categories. 2. tolerance for each intensity bin limit is 10%. green intensity bin limits [1] (mcd at 50 ma, 20% duty factor) high efficiency red bin name min. [2] max. [2] e 1.289 1.934 f 1.934 2.900 g 2.900 4.350 h 4.350 6.525 (mcd at 10 ma, 20% duty factor) algaas bin name min. [2] max. [2] i 1.55 2.33 j 2.33 3.49 notes: 1. bin categories are established for classification of products. products may not be available in all bin categories. 2. tolerance for each intensity bin limit is 10%. 6
www.agilent.com/semiconductors for product information and a complete list of distributors, please go to our web site. for technical assistance call: americas/canada: +1 (800) 235-0312 or (408) 654-8675 europe: +49 (0) 6441 92460 china: 10800 650 0017 hong kong: (+65) 6271 2451 india, australia, new zealand: (+65) 6271 2394 japan: (+81 3) 3335-8152(domestic/interna- tional), or 0120-61-1280(domestic only) korea: (+65) 6271 2194 malaysia, singapore: (+65) 6271 2054 taiwan: (+65) 6271 2654 data subject to change. copyright ? 2002 agilent technologies, inc. obsoletes 5988-5400en november 27, 2002 5988-8400en


▲Up To Search▲   

 
Price & Availability of HDSP-703A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X